Part Number Hot Search : 
UNR31 TBB1004 109388 2SD23 4HC17 BZX85C27 M54HC691 PT150S8
Product Description
Full Text Search
 

To Download NSRR10M4V5X5TBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Aluminum Electrolytic Capacitors
FEATURES * LOW PROFILE 5mm HEIGHT * SPACE SAVING AT COMPETITIVE PRICING
NSR Series
includes all homogeneous materials
RoHS Compliant
CHARACTERISTICS
Rated Working Voltage Range Capacitance Range Operating Temperature Range Capacitance Tolerance Max. Leakage Current After 1minutes At 20oC Surge Voltage & Dissipation Factor (Tan ) Low Temperature Stability (Impedance Ratio @ 120Hz) Life Test @ +85oC 1,000 hours 4 ~ 50Vdc 0.1 ~ 470F -40oC~+85OC +20% (M) 0.01CV or 3A Whichever is greater W.V. (Vdc) S.V. (Vdc) Tan @ 120Hz W.V. (Vdc) Z-20oC/Z+20oC Z-40oC/Z+20oC Capacitance Change Dissipation Factor Leakage Current
*See Part Number System for Details
4 5 0.35 4 7 15
25 35 32 44 0.14 0.24 0.20 0.16 0.12 (8=0.15) 6.3 10 16 25 35 4 3 2 2 2 10 8 6 4 4 Within +25% of initial value Less than 200% of specified maximum value Less than specified maximum value
6.3 8
10 13
16 20
50 63 0.10 50 2 4
MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA rms AT 120Hz AND 85oC)

MAXIMUM ESR ( AT 120Hz AND 20oC)

RIPPLE CURRENT FREQUENCY CORRECTION FACTOR
Frequency (Hz) Correction Factor 3 x 5/4 x 5 5x5 6.3 x 5 8x5 120 1.00 1.00 1.00 1.00 1K 1.30 1.20 1.15 1.13 10K 1.50 1.30 1.20 1.15 100K 1.60 1.35 1.25 1.20
PART NUMBER SYSTEM
NSR 100 M 35V 5 x 5 TB F
RoHS Compliant Tape and Box* Size (D x L) Rated Voltage Tolerance Code Capacitance Code
*see tape specification for details
Series
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
53
Miniature Aluminum Electrolytic Capacitors
STANDARD PRODUCT AND CASE SIZE TABLE D x L (mm)

NSR Series
DIMENSIONS (mm)
Polarity Marking
Insulation Sleeve d 0.05
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D)
F 0.5
3 0.4 1.0 0.5 1.0
4 0.45 1.5 0.5 1.0
5 0.45 2.0 0.5 1.0
6.3 0.45 2.5 0.5 1.0
8* 0.45 2.5* 0.5 1.0
L + max.
15mm Min.
4mm Min.
D
Leads Dia. (d) Lead Spacing (F) Dim. Dim.
* NOTE THAT LEAD SPACING OF 8x5mm SIZE IS 2.5mm.
(R)
54
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NSRR10M4V5X5TBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X